PART |
Description |
Maker |
Z8S18033VEC Z8S18006VEC Z8S18020VEC Z8S18010PEC Z8 |
ENHANCED Z180 MICROPROCESSOR CONN HDR INVERSE 30POS 5ROW R/A ENHANCED Z180 MICROPROCESSOR 强化Z180微处理器 CONN POWER HEADER 4ROW 8POS P-F 8-BIT, MICROPROCESSOR, PQCC68 Moldable Putty Stick; Pack Quantity:1 RoHS Compliant: Yes 8-BIT, 10 MHz, MICROPROCESSOR, PDIP64
|
ZiLOG, Inc.
|
R80C188XL-25 SB80C188XL-25 TN80C188XL-25 TS80C188X |
16-BIT, 25 MHz, MICROPROCESSOR, CQCC68 CERAMIC, LCC-68 16-BIT, 25 MHz, MICROPROCESSOR, PQFP80 SHRINK, QFP-80 16-BIT, 25 MHz, MICROPROCESSOR, PQCC68 PLASTIC, LCC-68 16-BIT, 25 MHz, MICROPROCESSOR, PQFP80 EIAJ, QFP-80 16-BIT, 12 MHz, MICROPROCESSOR, PQFP80 SHRINK, QFP-80 16-BIT, 12 MHz, MICROPROCESSOR, CPGA68 CERAMIC, PGA-68 16-BIT, 25 MHz, MICROPROCESSOR, CPGA68 CERAMIC, PGA-68
|
Intel, Corp.
|
MR80C88-2B 5962-8601601QA |
CMOS 8/16-Bit Microprocessor 16位产品的CMOS微处理器 CMOS 8/16-Bit Microprocessor 16-BIT, 5 MHz, MICROPROCESSOR, CDIP40
|
Intersil, Corp.
|
AD767SD/883B AD767 |
Microprocessor-Compatible 12-Bit D/A Converter SERIAL INPUT LOADING, 3 us SETTLING TIME, 12-BIT DAC, CDIP24 Microprocessor-Compatible 12-Bit D/A Converter(12位μP兼容DAC)
|
Analog Devices, Inc.
|
MC6822 MC6808 MC6829 MC6802 MC6800P MC68B00 MC68A0 |
8-BIT MICROPROCESSING UNIT (MPU) 8-BIT, 1 MHz, MICROPROCESSOR, CDIP40 8-BIT MPUS, 8-BIT MCUS, 8-BIT PERIPHERALS
|
Motorola Mobility Holdings, Inc. Motorola, Inc.
|
K4H510438B-UC/LA2 K4H510838B-UC/LA2 K4H510438B-UC/ |
8-Bit, 31 kSPS ADC Serial Out, Microprocessor Peripheral/Standalone, Single Channels 8-PDIP 512MB的乙芯片DDR SDRAM内存规格 8-Bit, 31 kSPS ADC Serial Out, Microprocessor Peripheral/Standalone, Single Channels 8-SOIC 8-Bit, 22 kSPS ADC Serial Out, uProcessor Periph./Standalone, Mux option w/SE or differential, 2 Ch. 8-SOIC 8-Bit, 392 kSPS ADC Parallel Out, Microprocessor Peripheral, On-Chip Track-and-Hold, Single Channels 20-SSOP 0 to 70 512Mb B-die DDR SDRAM Specification
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. http://
|
80C286 CG80C286-12 CG80C286-16 CG80C286-20 IG80C28 |
High Performance Microprocessor with Memory Management and Protection 16-BIT, 10 MHz, MICROPROCESSOR, CPGA68 ADAPT F FMALE-PUSH 0N MALE 75OHM From old datasheet system
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
HI-674A HI3-574AJN-5 HI3-574AKN-5 HI3-574ALN-5 HI3 |
Complete, 12-Bit A/D Converters with Microprocessor Interface 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDIP28 Complete, 12-Bit A/D Converters with Microprocessor Interface 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDIP28 Complete, 12-Bit A/D Converters with Microprocessor Interface 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, CDIP28 Complete, 12-Bit A/D Converters with Microprocessor Interface 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, CDIP28 Circular Connector; No. of Contacts:17; Series:; Body Material:Aluminum Alloy; Connecting Termination:Solder; Connector Shell Size:20; Circular Contact Gender:Pin; Circular Shell Style:Cable Receptacle; Insert Arrangement:20-29 RoHS Compliant: No AC 2C 2#0 PIN RECP BOX JT 53C 53#22 PIN PLUG Circular Connector; No. of Contacts:16; Series:MS27484; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:20; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:20-16 RoHS Compliant: No Complete, 12-Bit A/D Converters
with Microprocessor Interface(完备2 位A/D转换 128 MACROCELL 3.3 VOLT ISP CPLD - NOT RECOMMENDED for NEW DESIGN Complete/ 12-Bit A/D Converters with Microprocessor Interface Complete 12-Bit A/D Converters with Microprocessor Interface From old datasheet system
|
HARRIS SEMICONDUCTOR Intersil, Corp. INTERSIL[Intersil Corporation] Holt Integrated Circuits
|
PC7410 PC7410VGHU500N PC7410VGSU400L PC7410VGSU400 |
32-bit RISC Microprocessor, 400-450 MHZ PowerPC 7410 RISC Microprocessor Product Specification 7410的PowerPC RISC微处理器产品规格
|
Atmel, Corp. Atmel Corp.
|
ICL8068 ICL8068ACDD ICL8068CDD ICL8052 ICL8052ACDD |
14-Bit/16-Bit / Microprocessor- Compatible / 2-Chip / A/D Converter 14-Bit/16-Bit, Microprocessor- Compatible, 2-Chip, A/D Converter 14-Bit/16-Bit, Microprocessor-Compatible,2-Chip, A/D Converter From old datasheet system
|
INTERSIL[Intersil Corporation]
|
HI1-574AJD-5 HI3-574AKN-5 HI3-574AKN-5Z HI3-574AJN |
Complete, 12-Bit A/D Converters with Converters with Microprocessor Interface Complete, 12-Bit A/D Converters with Microprocessor Interface; Temperature Range: See Datasheet; Package: 28-PDIP SUCCESSIVE APPROXIMATION ADC, PDIP28
|
Intersil Corporation Intersil, Corp.
|
|